![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
FDS4672A - 40V N-Channel PowerTrench¢ç MOSFET - Fairchild Semiconductor |
|
Click Here View FDS4672A Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| FDD8445_07 | N-Channel PowerTrench¢ç MOSFET 40V 50A 8.7m¥Ø | Fairchild Semiconductor |
| FDS4470_06 | 40V N-Channel PowerTrench¢ç MOSFET | Fairchild Semiconductor |
| FDD8444_06 | N-Channel PowerTrench¢ç MOSFET 40V 50A 5.2m§Ù | Fairchild Semiconductor |
| FDMA430NZ_0609 | Single N-Channel 2.5V Specified PowerTrench¢ç MOSFET 30V 5.0A 40m§Ù | Fairchild Semiconductor |
| STB200NF04L | N-CHANNEL 40V - 3 m ohm - 120 A TO-220/D2PAK/I2PAK STripFET II MOSFET | STMicroelectronics |
| FDS4070N3_04 | 40V N-Channel PowerTrench MOSFET | Fairchild Semiconductor |
| FDS4070N7_04 | 40V N-Channel PowerTrench MOSFET | Fairchild Semiconductor |
| FDMB3800N_0610 | Dual N-Channel PowerTrench¢ç MOSFET 30V 4.8A 40m§Ù | Fairchild Semiconductor |
| FDS4072N3_04 | 40V N-Channel PowerTrench MOSFET | Fairchild Semiconductor |
| FDD8447L | N-Channel PowerTrench MOSFET 40V 54A 8.5mOhm | Fairchild Semiconductor |
Link URL |
|
|
Related keyword |
| FDS4672A Datasheet | FDS4672A Cross Reference | FDS4672A Schematic | FDS4672A Distributor | FDS4672A Datenblatt | FDS4672A RoHS |
| FDS4672A Equivalent | FDS4672A Application Notes | FDS4672A Data Sheet | FDS4672A component | FDS4672A Fiche Technique | FDS4672A Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |