![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
FDS4470 - 40V N-Channel PowerTrench¢ç MOSFET - Fairchild Semiconductor |
|
Click Here View FDS4470 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| FDD8445_07 | N-Channel PowerTrench¢ç MOSFET 40V 50A 8.7m¥Ø | Fairchild Semiconductor |
| FDD8444_06 | N-Channel PowerTrench¢ç MOSFET 40V 50A 5.2m§Ù | Fairchild Semiconductor |
| STB200NF04L | N-CHANNEL 40V - 3 m ohm - 120 A TO-220/D2PAK/I2PAK STripFET II MOSFET | STMicroelectronics |
| FDS4070N3_04 | 40V N-Channel PowerTrench MOSFET | Fairchild Semiconductor |
| FDMB3800N_0610 | Dual N-Channel PowerTrench¢ç MOSFET 30V 4.8A 40m§Ù | Fairchild Semiconductor |
| FDS4070N7_04 | 40V N-Channel PowerTrench MOSFET | Fairchild Semiconductor |
| FDS4072N3_04 | 40V N-Channel PowerTrench MOSFET | Fairchild Semiconductor |
| FDD8447L | N-Channel PowerTrench MOSFET 40V 54A 8.5mOhm | Fairchild Semiconductor |
| FDS4072N7_04 | 40V N-Channel PowerTrench MOSFET | Fairchild Semiconductor |
| FDMC3300NZA_07 | Monolithic Common Drain N-Channel 2.5V Specified PowerTrench¢ç MOSFET 20V 8A 26m¥Ø | Fairchild Semiconductor |
Link URL |
|
|
Related keyword |
| FDS4470 Datasheet | FDS4470 Cross Reference | FDS4470 Schematic | FDS4470 Distributor | FDS4470 Datenblatt | FDS4470 RoHS |
| FDS4470 Equivalent | FDS4470 Application Notes | FDS4470 Data Sheet | FDS4470 component | FDS4470 Fiche Technique | FDS4470 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |