![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
FDS4435_01 - 30V P-Channel PowerTrench MOSFET - Fairchild Semiconductor |
|
Click Here View FDS4435_01 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| FDN361BN | 30V N-Channel Logic Level PowerTrench MOSFET | Fairchild Semiconductor |
| FDFC2P100 | Integrated P-Channel PowerTrench MOSFET and Schottky Diode -20V -3A 150mohm | Fairchild Semiconductor |
| FDC640P_01 | P-Channel 2.5V PowerTrench Specified MOSFET | Fairchild Semiconductor |
| FDN336P_05 | Single P-Channel 2.5V Specified PowerTrench MOSFET | Fairchild Semiconductor |
| FDS8812NZ | N-Channel PowerTrench MOSFET 30V 20A 4.0mohm | Fairchild Semiconductor |
| FDFMA2P029Z | Integrated P-Channel PowerTrench MOSFET and Schottky Diode -20V -3.1A 95mohm | Fairchild Semiconductor |
| FDS8813NZ | N-Channel PowerTrench MOSFET 30V 18.5A 4.5mohm | Fairchild Semiconductor |
| FDFMA2P857 | Integrated P-Channel PowerTrench MOSFET and Schottky Diode -20V -3.0A 120mohm | Fairchild Semiconductor |
| FDN352AP_0508 | Single P-Channel PowerTrench MOSFET | Fairchild Semiconductor |
| STS5PF30L_07 | P-channel 30V - 0.045OHM - 5A SO-8 STripFET TM Power MOSFET | STMicroelectronics |
Link URL |
|
|
Related keyword |
| FDS4435_01 Datasheet | FDS4435_01 Cross Reference | FDS4435_01 Schematic | FDS4435_01 Distributor | FDS4435_01 Datenblatt | FDS4435_01 RoHS |
| FDS4435_01 Equivalent | FDS4435_01 Application Notes | FDS4435_01 Data Sheet | FDS4435_01 component | FDS4435_01 Fiche Technique | FDS4435_01 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |