![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
FDS4080N3 - 40V N-Channel FLMP PowerTrench MOSFET - Fairchild Semiconductor |
|
Click Here View FDS4080N3 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| FDS4070N3_04 | 40V N-Channel PowerTrench MOSFET | Fairchild Semiconductor |
| FDS4070N7_04 | 40V N-Channel PowerTrench MOSFET | Fairchild Semiconductor |
| FDS4072N3_04 | 40V N-Channel PowerTrench MOSFET | Fairchild Semiconductor |
| FDD8447L | N-Channel PowerTrench MOSFET 40V 54A 8.5mOhm | Fairchild Semiconductor |
| FDS4072N7_04 | 40V N-Channel PowerTrench MOSFET | Fairchild Semiconductor |
| FDB8447L | 40V N-Channel PowerTrench MOSFET | Fairchild Semiconductor |
| FDD8445_07 | N-Channel PowerTrench¢ç MOSFET 40V 50A 8.7m¥Ø | Fairchild Semiconductor |
| FDD8586 | N-Channel PowerTrench MOSFET 20V 35A 5.5mOHM | Fairchild Semiconductor |
| FDD6670A_05 | 30V N-Channel PowerTrench MOSFET | Fairchild Semiconductor |
| STB200NF04L | N-CHANNEL 40V - 3 m ohm - 120 A TO-220/D2PAK/I2PAK STripFET II MOSFET | STMicroelectronics |
Link URL |
|
|
Related keyword |
| FDS4080N3 Datasheet | FDS4080N3 Cross Reference | FDS4080N3 Schematic | FDS4080N3 Distributor | FDS4080N3 Datenblatt | FDS4080N3 RoHS |
| FDS4080N3 Equivalent | FDS4080N3 Application Notes | FDS4080N3 Data Sheet | FDS4080N3 component | FDS4080N3 Fiche Technique | FDS4080N3 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |