![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
FDS4072N7 - 40V N-Channel PowerTrench MOSFET - Fairchild Semiconductor |
|
Click Here View FDS4072N7 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| FDS4070N3_04 | 40V N-Channel PowerTrench MOSFET | Fairchild Semiconductor |
| FDS4070N7_04 | 40V N-Channel PowerTrench MOSFET | Fairchild Semiconductor |
| FDS4072N3_04 | 40V N-Channel PowerTrench MOSFET | Fairchild Semiconductor |
| FDD8447L | N-Channel PowerTrench MOSFET 40V 54A 8.5mOhm | Fairchild Semiconductor |
| FDB8447L | 40V N-Channel PowerTrench MOSFET | Fairchild Semiconductor |
| FDD8445_07 | N-Channel PowerTrench¢ç MOSFET 40V 50A 8.7m¥Ø | Fairchild Semiconductor |
| FDP8860 | N-Channel PowerTrench MOSFET | Fairchild Semiconductor |
| FDD6672A_01 | 30V N-Channel PowerTrench MOSFET | Fairchild Semiconductor |
| STB200NF04L | N-CHANNEL 40V - 3 m ohm - 120 A TO-220/D2PAK/I2PAK STripFET II MOSFET | STMicroelectronics |
| FDW9926A | Dual N-Channel 2.5V Specified PowerTrench MOSFET | Fairchild Semiconductor |
Link URL |
|
|
Related keyword |
| FDS4072N7 Datasheet | FDS4072N7 Cross Reference | FDS4072N7 Schematic | FDS4072N7 Distributor | FDS4072N7 Datenblatt | FDS4072N7 RoHS |
| FDS4072N7 Equivalent | FDS4072N7 Application Notes | FDS4072N7 Data Sheet | FDS4072N7 component | FDS4072N7 Fiche Technique | FDS4072N7 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |