|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
X9241AMPI - Quad Digital Controlled Potentionmeters (XDCP™) - Intersil Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ISL90843 | Quad Digital Controlled Potentiometers XDCP⢠| 1 2 3 4 5 More | Intersil Corporation |
| ISL90841_06 | Quad Digitally Controlled Potentiometers XDCP⢠| 1 2 3 4 5 More | Intersil Corporation |
| CS44130 | 60 W Quad Half-Bridge Digital Amplifier Power Stage | 1 2 3 4 5 More | Cirrus Logic |
| ISL90842_06 | Quad Digitally Controlled Variable Resistors | 1 2 3 4 5 More | Intersil Corporation |
| MC74HC4316A | Quad Analog Switch/Multiplexer/Demultiplexer with Separate Analog and Digital Power Supplies | 1 2 3 4 5 More | ON Semiconductor |
| ISL22346 | Quad Digitally Controlled Potentiometers | 1 2 3 4 5 More | Intersil Corporation |
| ISL22349 | Quad Digitally Controlled Potentiometers | 1 2 3 4 5 More | Intersil Corporation |
| ISL22449 | Quad Digitally Controlled Potentiometer | 1 2 3 4 5 More | Intersil Corporation |
| CS4412 | 30 W Quad Half-Bridge Digital Amplifier Power Stage | 1 2 3 4 5 More | Cirrus Logic |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 |
Link URL |
|
|