|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
US5U1_1 - 2.5V Drive NchSBD MOSFET - Rohm |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RTL035N03 | 2.5V Drive Nch MOSFET | 1 2 3 | Rohm |
| FDC608PZ | P-Channel 2.5V Specified PowerTrench MOSFET | 1 2 3 4 5 | Fairchild Semiconductor |
| FDW9926A | Dual N-Channel 2.5V Specified PowerTrench MOSFET | 1 2 3 4 5 | Fairchild Semiconductor |
| FDC638APZ | P-Channel 2.5V PowerTrench Specified MOSFET -20V -4.5A 43mohm | 1 2 3 4 5 | Fairchild Semiconductor |
| FDW2501N | Dual N-Channel 2.5V Specified PowerTrench MOSFET | 1 2 3 4 5 | Fairchild Semiconductor |
| FDZ493P | P-Channel 2.5V Specified PowerTrench BGA MOSFET -20V -4.6A 46mohm | 1 2 3 4 5 More | Fairchild Semiconductor |
| RSE002P03 | 4V Drive Pch MOSFET | 1 2 3 4 5 | Rohm |
| SP8M21 | 4V Drive Nch+Pch MOSFET | 1 2 3 4 5 More | Rohm |
| FDW2502P_03 | Dual P-Channel 2.5V Specified PowerTrench MOSFET | 1 2 3 4 5 | Fairchild Semiconductor |
| RSU002P03 | 4V Drive Pch MOSFET | 1 2 3 4 5 | Rohm |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|