Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRL630SPBF Datasheet (PDF) - International Rectifier

IRL630SPBF Datasheet PDF - International Rectifier
Part # IRL630SPBF
Download  IRL630SPBF Download

File Size   1550.25 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HEXFET Power MOSFET

IRL630SPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IRL630SPBF Datasheet PDF - International Rectifier

Part # IRL630SPBF
Download  IRL630SPBF Click to download

File Size   1550.25 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HEXFET Power MOSFET

IRL630SPBF Datasheet (HTML) - International Rectifier

IRL630SPBF Datasheet HTML 1Page - International Rectifier IRL630SPBF Datasheet HTML 2Page - International Rectifier IRL630SPBF Datasheet HTML 3Page - International Rectifier IRL630SPBF Datasheet HTML 4Page - International Rectifier IRL630SPBF Datasheet HTML 5Page - International Rectifier IRL630SPBF Datasheet HTML 6Page - International Rectifier IRL630SPBF Datasheet HTML 7Page - International Rectifier IRL630SPBF Datasheet HTML 8Page - International Rectifier IRL630SPBF Datasheet HTML 9Page - International Rectifier

IRL630SPBF Product details

VDSS = 200V
RDS(on) = 0.40Ω
ID = 9.0A

Description
Third Generation HEXFETs from International Rectifier provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. The SMD-220 is a surface mount power package capable of accommodating die sizes up to HEX-4. It provides the highest power capability and the lowest possible on-resistance in any existing surface mount package. The SMD-220 is suitable for high current applications because of its low internal connection resistance and can dissipate up to 2.0W in a typical surface mount application.

● Surface Mount
● Available in Tape & Reel
● Dynamic dv/dt Rating
● Repetitive Avalanche Rated
● Logic-Level Gate Drive
● RDS(ON) Specified at VGS = 4V & 5V
● 150°C Operating Temperature
● Lead-Free




Similar Part No. - IRL630SPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRL630SPBF VISHAY-IRL630SPBF Datasheet
265Kb / 10P
   Power MOSFET
01-Jan-2022
More results


Similar Description - IRL630SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com