Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE30042 Datasheet (PDF) - NTE Electronics

NTE30042 Datasheet PDF - NTE Electronics
Part # NTE30042
Download  NTE30042 Download

File Size   96.09 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Super Bright LED Indicators, 5mm

NTE30042 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE30042 Datasheet PDF - NTE Electronics

Part # NTE30042
Download  NTE30042 Click to download

File Size   96.09 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Super Bright LED Indicators, 5mm

NTE30042 Datasheet (HTML) - NTE Electronics

NTE30042 Datasheet HTML 1Page - NTE Electronics NTE30042 Datasheet HTML 2Page - NTE Electronics NTE30042 Datasheet HTML 3Page - NTE Electronics

NTE30042 Product details

Features:

● All Plastic Mold Type w/Water Clear Lens:

   NTE30037 (Yellow Green, AllGaP/GaAs)

   NTE30038 (Pure Green, GalnN/GaN)

   NTE30039 (Yellow, AllnGaP/GaP)

   NTE30040 (Orange, AllnGaP/GaAs)

   NTE30041 (Deep Red, GaAlAs/GaAlAs)

   NTE30042 (Amber, AllGaP/GaAs)

   NTE30043 (Blue, GalnN/GaN)

   NTE30045 (White, GalnN/GaN)



 




Similar Part No. - NTE30042

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3004 NTE-NTE3004 Datasheet
59Kb / 2P
   Light Emitting Diode (LED)
NTE30044 NTE-NTE30044 Datasheet
84Kb / 3P
   Super Bright LED Indicators, 3mm
NTE30047 NTE-NTE30047 Datasheet
56Kb / 1P
   Infrared Emitting Diode − 5mm
More results


Similar Description - NTE30042

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE30135 NTE-NTE30135 Datasheet
72Kb / 2P
   Super Bright LED Indicators 5mm, Bullet Head Type
NTE30065 NTE-NTE30065 Datasheet
95Kb / 3P
   Super Bright LED Indicators, 10mm
NTE30053 NTE-NTE30053 Datasheet
95Kb / 3P
   Super Bright LED Indicators, 8mm
NTE30030 NTE-NTE30030 Datasheet
84Kb / 3P
   Super Bright LED Indicators, 3mm
NTE30121 NTE-NTE30121 Datasheet
58Kb / 2P
   Super Bright LED Indicator Super Purple, 5mm
logo
Elektron Components Ltd...
DX0998 BULGIN-DX0998 Datasheet
68Kb / 1P
   5mm LED Indicators
DX1090 BULGIN-DX1090 Datasheet
67Kb / 1P
   5mm LED Indicators
logo
NTE Electronics
NTE30127 NTE-NTE30127 Datasheet
70Kb / 2P
   Super Bright LED Indicator Turquoise, 5mm
NTE30126 NTE-NTE30126 Datasheet
85Kb / 2P
   Super Bright LED Indicator Ultra Bright Pink, 5mm
logo
P-tec Corporation
PL16-WCR21 P-TEC-PL16-WCR21 Datasheet
30Kb / 1P
   5MM T1쩐 Super Bright Red LED
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com