Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE30053 Datasheet (PDF) - NTE Electronics

NTE30053 Datasheet PDF - NTE Electronics
Part # NTE30053
Download  NTE30053 Download

File Size   95.73 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Super Bright LED Indicators, 8mm

NTE30053 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE30053 Datasheet PDF - NTE Electronics

Part # NTE30053
Download  NTE30053 Click to download

File Size   95.73 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Super Bright LED Indicators, 8mm

NTE30053 Datasheet (HTML) - NTE Electronics

NTE30053 Datasheet HTML 1Page - NTE Electronics NTE30053 Datasheet HTML 2Page - NTE Electronics NTE30053 Datasheet HTML 3Page - NTE Electronics

NTE30053 Product details

Features:
● RoHS Compliant
● All Plastic Mold Type w/Water Clear Lens:
    NTE30053 (Yellow Green, AIInGaP/GaAs)
    NTE30054 (Light Green, InGaN/GaN)
    NTE30055 (Orange, AllnGaP/GaAs)
    NTE30056 (Light Red, AllnGaP/GaAs)
    NTE30057 (Deep Red, GaAlAs/GaAlAs)
    NTE30058 (Blue, INGaN/GaN)
    NTE30059 (White)




Similar Part No. - NTE30053

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE300 NTE-NTE300 Datasheet
19Kb / 2P
   Silicon Complementary Transistors Audio Power Amplifier
NTE3000 NTE-NTE3000 Datasheet
18Kb / 2P
   Light Emitting Diode Miniature, Clear Red
NTE3000 NTE-NTE3000 Datasheet
26Kb / 2P
   Light Emitting Diode Water Clear, High Efficiency Red
NTE30001 NTE-NTE30001 Datasheet
19Kb / 2P
   Infrared Emitting Diode Bi.Directional
NTE30002 NTE-NTE30002 Datasheet
73Kb / 2P
   Light Emitting Diode (LED) 0805 Surface Mount
More results


Similar Description - NTE30053

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE30065 NTE-NTE30065 Datasheet
95Kb / 3P
   Super Bright LED Indicators, 10mm
NTE30030 NTE-NTE30030 Datasheet
84Kb / 3P
   Super Bright LED Indicators, 3mm
NTE30037 NTE-NTE30037 Datasheet
96Kb / 3P
   Super Bright LED Indicators, 5mm
logo
P-tec Corporation
PL22-CDY28 P-TEC-PL22-CDY28 Datasheet
72Kb / 1P
   8mm Super Bright Yellow LED
logo
NTE Electronics
NTE30123 NTE-NTE30123 Datasheet
58Kb / 2P
   Super Bright LED Indicator Super Purple, 8mm
logo
Kingbright Corporation
L793SRC KINGBRIGHT-L793SRC Datasheet
91Kb / 3P
   8mm SUPER BRIGHT BIG LED LAMPS
logo
NTE Electronics
NTE30135 NTE-NTE30135 Datasheet
72Kb / 2P
   Super Bright LED Indicators 5mm, Bullet Head Type
logo
TAITRON Components Inco...
TLH-X1W8-ZIKK TAITRON-TLH-X1W8-ZIKK Datasheet
262Kb / 6P
   Super Bright LED
logo
List of Unclassifed Man...
3803X ETC1-3803X Datasheet
88Kb / 7P
   SUPER BRIGHT LED
logo
TAITRON Components Inco...
TLH-Q1W8-ZIKK TAITRON-TLH-Q1W8-ZIKK Datasheet
261Kb / 6P
   Super Bright LED
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com