|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
90227 - 1000V CERAMIC DISC - NTE Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| HV500V | Ceramic Disc Capacitors Class 1 and 2 500 V DC General Purpose | 1 2 3 4 5 More | Vishay Siliconix |
| ECKD3G101MDU | High Voltage Ceramic Disc Capacitors Rated 4 to 15 kVDC Temp. Char. Y5T | 1 2 | Panasonic Semiconductor |
| 89000 | 50V CERAMIC DISC | 1 | NTE Electronics |
| CFJW | AM CERAMIC FILTERS | 1 | TOKO, Inc |
| LFY | AM CERAMIC FILTERS | 1 2 | TOKO, Inc |
| BA5814FM_1 | Power Driver For Compact Disc Players | 1 2 3 4 5 More | Rohm |
| STF8NK100Z | N-CHANNEL 1000V - 1.60OHM - 6.5A - TO-220 - TO-220FP Zener-Protected SuperMESH TM MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| CFM2 | AM CERAMIC FILTERS | 1 | TOKO, Inc |
| LLV0603-FH | MULTILAYER CERAMIC CHIP INDUCTOR | 1 2 | TOKO, Inc |
| BA5947FP_1 | Power Driver For Compact Disc Players | 1 2 3 4 5 More | Rohm |
Datasheet Page |
1 |
Link URL |
|
|