|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
89000 - 50V CERAMIC DISC - NTE Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ECKD3G101MDU | High Voltage Ceramic Disc Capacitors Rated 4 to 15 kVDC Temp. Char. Y5T | 1 2 | Panasonic Semiconductor |
| HV500V | Ceramic Disc Capacitors Class 1 and 2 500 V DC General Purpose | 1 2 3 4 5 More | Vishay Siliconix |
| CFMQ | AM CERAMIC FILTERS WITH MATCHING COIL | 1 | TOKO, Inc |
| C2012JB2E102K | Ceramic Capacitors For Mid Voltage SMD | 1 2 3 4 5 More | TDK Electronics |
| ZXTDCM832 | MPPS Miniature Package Power Solutions DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR | 1 2 3 4 5 More | Zetex Semiconductors |
| V2F105A150Y2EDP | AVX Multilayer Ceramic Transient Voltage Suppressors TVS Protection and EMI Attenuation in a Single Chip | 1 2 3 4 5 More | AVX Corporation |
| CFMR | AM CERAMIC FILTERS | 1 | TOKO, Inc |
| CFUKFG | SM CERAMIC FILTER | 1 | Golledge Electronics Ltd |
| RFD16N05_03 | 16A 50V 0.047 Ohm N-Channel Power MOSFETs | 1 2 3 4 5 More | Fairchild Semiconductor |
| U120A | 120 Pin Ceramic Pin Grid Array | 1 | National Semiconductor |
Datasheet Page |
1 |
Link URL |
|
|