|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
XM1001-QH-EV1 - 10.0-34.0 GHz Image Reject Mixer QFN, 4x4 mm - Mimix Broadband |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AMMP-6530 | 5-30 GHz Image Reject Mixer | 1 2 3 4 5 More | Agilent(Hewlett-Packard) |
| XB1009-QT | 12.0-27.0 GHz GaAs MMIC Buffer Amplifier QFN | 1 2 3 4 5 More | Mimix Broadband |
| XD1004-QT | 10.0-40.0 GHz GaAs MMIC Distributed Amplifier QFN | 1 2 3 4 5 | Mimix Broadband |
| CMQ1332-QH | 12.5-14.5 GHz 1.5W QFN Plastic Packaged Power Amplifier | 1 2 3 4 5 | Mimix Broadband |
| XD1005-QT | 10.0-40.0 GHz GaAs MMIC Distributed Amplifier QFN | 1 2 3 4 5 | Mimix Broadband |
| 38TX0768-QB | 36.0-42.0 GHz GaAs Transmitter QFN 7x7 mm | 1 2 3 4 5 More | Mimix Broadband |
| 40REC0770-QB | 35.0-45.0 GHz GaAs Receiver QFN 7x7 mm | 1 2 3 4 5 More | Mimix Broadband |
| MC13142 | LOW POWER DC - 1.8 GHz LNA MIXER and VCO | 1 2 3 4 5 More | Motorola, Inc |
| AD8317 | 1 MHz to 10 GHz 50 dB Log Detector/Controller | 1 2 3 4 5 More | Analog Devices |
| SBW-5089 | DC-8 GHz Cascadable InGaP/GaAs HBT MMIC Amplifier | 1 2 3 4 5 More | SIRENZA MICRODEVICES |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|