|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CMM6004-AH - 0.25-6.0 GHz High Dynamic Range Amplifier - Mimix Broadband |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CMM6001-SC | 60 MHz - 3.0 GHz High Dynamic Range Amplifier | 1 2 3 4 5 | Mimix Broadband |
| AL106-84 | GaAs IC 900 MHz High Dynamic Range Amplifier | 1 2 3 | Skyworks Solutions Inc. |
| CMM2308_06 | 800-2700 MHz High Dynamic Range Amplifier | 1 2 3 4 | Mimix Broadband |
| CMM6003-SC | 50-870 MHz High Dynamic Range Amplifier | 1 2 3 4 5 | Mimix Broadband |
| TRF1115 | 2.5-GHz High Dynamic Range Low-Noise Down-Converter | 1 2 3 4 5 More | Texas Instruments |
| TRF1216_07 | 3.5-GHz HIGH DYNAMIC RANGE LOW-NOISE DOWN-CONVERTER | 1 2 3 4 5 More | Texas Instruments |
| CFB0301_06 | High Dynamic Range Low Noise GaAs FET | 1 2 3 | Mimix Broadband |
| CFB0303 | High Dynamic Range Low Noise GaAs FET | 1 2 | Mimix Broadband |
| CFK0301 | High Dynamic Range Dual Low Noise GaAs FET | 1 2 3 4 | Mimix Broadband |
| MH204 | High Dynamic Range Cellular Band MMIC Mixer | 1 2 | WJ Communication. Inc. |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|