![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
40REC0770-QB - 35.0-45.0 GHz GaAs Receiver QFN, 7x7 mm - Mimix Broadband |
|
Click Here View 40REC0770-QB Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 38TX0768-QB | 36.0-42.0 GHz GaAs Transmitter QFN 7x7 mm | Mimix Broadband |
| AS229-350 | GaAs IC SPDT Switch Non-Reflective DC-6 GHz | Skyworks Solutions Inc. |
| SNA-286 | DC-6.0 GHz Cascadable GaAs MMIC Amplifier | SIRENZA MICRODEVICES |
| SNA-300 | DC-3 GHz Cascadable GaAs MMIC Amplifier | SIRENZA MICRODEVICES |
| SW-276 | High Power GaAs SPDT Switch DC - 3.0 GHz | Tyco Electronics |
| HMC570 | GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz | Hittite Microwave Corporation |
| SNA-200 | DC-6.5 GHz Cascadable GaAs MMIC Amplifier | SIRENZA MICRODEVICES |
| 6OSC0460 | 5.5-6.5 GHz GaAs MMIC Voltage Controlled Oscillator | Mimix Broadband |
| SNA-386 | DC-3 GHZ CASCADABLE GAAS MMIC AMPLIFIER | SIRENZA MICRODEVICES |
| 30MPA0562 | 28.0-31.0 GHz GaAs MMIC Power Amplifier | Mimix Broadband |
Link URL |
|
|
Related keyword |
| 40REC0770-QB Datasheet | 40REC0770-QB Cross Reference | 40REC0770-QB Schematic | 40REC0770-QB Distributor | 40REC0770-QB Datenblatt | 40REC0770-QB RoHS |
| 40REC0770-QB Equivalent | 40REC0770-QB Application Notes | 40REC0770-QB Data Sheet | 40REC0770-QB component | 40REC0770-QB Fiche Technique | 40REC0770-QB Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |