![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
74F38 - Quad Two-Input NAND Buffer (Open Collector) - Fairchild Semiconductor |
|
Click Here View 74F38 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 74ALVC38_05 | Low Voltage Quad 2-Input NAND Gate with Open Drain Outputs and 3.6V Tolerant Inputs and Outputs | Fairchild Semiconductor |
| 74LCX38 | Low Voltage Quad 2-Input NAND Gate Open Drain with 5V Tolerant Inputs | Fairchild Semiconductor |
| 74LVC132A | Quad 2-input NAND Schmitt trigger | NXP Semiconductors |
| MC74AC00 | Quad 2−Input NAND Gate | ON Semiconductor |
| PS9687L1 | HIGH CMR 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 8 mm | California Eastern Labs |
| MC74VHC132 | Quad 2-Input NAND Schmitt Trigger | Motorola, Inc |
| MC74F40 | DUAL 4-INPUT NAND BUFFER | Motorola, Inc |
| MC74AC132 | Quad 2−Input NAND Schmitt Trigger | ON Semiconductor |
| MC74VHC132 | Quad 2−Input NAND Schmitt Trigger | ON Semiconductor |
| 4041UB | CMOS QUAD TRUE /COMPLEMENT BUFFER | R & E International, Inc. |
Link URL |
|
|
Related keyword |
| 74F38 Datasheet | 74F38 Cross Reference | 74F38 Schematic | 74F38 Distributor | 74F38 Datenblatt | 74F38 RoHS |
| 74F38 Equivalent | 74F38 Application Notes | 74F38 Data Sheet | 74F38 component | 74F38 Fiche Technique | 74F38 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |