|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
HIP2100_04 - 100V/2A Peak, Low Cost, High Frequency Half Bridge Driver - Intersil Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| HIP4080_03 | 80V/2.5A Peak High Frequency Full Bridge FET Driver | 1 2 3 4 5 More | Intersil Corporation |
| HIP4080A_04 | 80V/2.5A Peak High Frequency Full Bridge FET Driver | 1 2 3 4 5 More | Intersil Corporation |
| HIP4081A_04 | 80V/2.5A Peak High Frequency Full Bridge FET Driver | 1 2 3 4 5 More | Intersil Corporation |
| UCC27200 | 120-V Boot 3-A Peak High Frequency High-Side/Low-Side Driver | 1 2 3 4 5 More | Texas Instruments |
| ADA4310 | Low Cost Dual High Current Output Line Driver with Shutdown | 1 2 3 4 5 More | Analog Devices |
| L6571A_0009 | HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR | 1 2 3 4 5 More | STMicroelectronics |
| AD8131_05 | Low Cost High Speed Differential Driver | 1 2 3 4 5 More | Analog Devices |
| AD8132_06 | Low Cost High Speed Differential Amplifier | 1 2 3 4 5 More | Analog Devices |
| NCP5181 | High Voltage High and Low Side Driver | 1 2 3 4 5 More | ON Semiconductor |
| AN44 | A high power LED driver for low voltage halogen replacement | 1 2 3 4 5 More | Zetex Semiconductors |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 |
Link URL |
|
|