|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
TB0640H_1 - 100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE - Diodes Incorporated |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| TB0640L_1 | 30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE | 1 2 3 4 | Diodes Incorporated |
| DLPT05_1 | SURFACE MOUNT DATALINE PROTECTION DEVICE | 1 2 3 4 | Diodes Incorporated |
| TBZ363C5V5_1 | TRIPLE BI-DIRECTIONAL SURFACE MOUNT ZENER DIODE ARRAY | 1 2 | Diodes Incorporated |
| SLD-1026Z | 3 Watt Discrete LDMOS Device Plastic Surface Mount Package | 1 2 3 4 5 More | SIRENZA MICRODEVICES |
| MXB-1001-7 | SURFACE MOUNT MIXER | 1 | PREMIER DEVICES, INC. |
| MXB-1501-7 | SURFACE MOUNT MIXER | 1 | PREMIER DEVICES, INC. |
| MXB-2501-13 | SURFACE MOUNT MIXER | 1 | PREMIER DEVICES, INC. |
| MVM302P08 | 3 000V Surface Mount Multiplier | 1 2 | Voltage Multipliers Inc. |
| PQ3DZ53 | 0.5A/1.0A Output General Purpose Surface Mount Type Low Power-Loss Voltage Regulator | 1 2 3 4 5 More | Sharp Electrionic Components |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|