|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SMAT70A_1 - 400W, 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR - Diodes Incorporated |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SMAJ50CA_1 | 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR | 1 2 3 4 | Diodes Incorporated |
| SMBJ50CA_1 | 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR | 1 2 3 4 | Diodes Incorporated |
| SMCJ50CA_1 | 1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR | 1 2 3 4 | Diodes Incorporated |
| P6KE6V8CA_1 | 600W TRANSIENT VOLTAGE SUPPRESSOR | 1 2 3 4 | Diodes Incorporated |
| SMP11 | Surface Mount TRANSZORB Transient Voltage Suppressors | 1 2 3 4 | Vishay Siliconix |
| SMCJ5.0 | Surface Mount TRANSZORB Transient Voltage Suppressors | 1 2 3 4 | Vishay Siliconix |
| NUP4060AXV6 | 4−Line Transient Voltage Suppressor Array | 1 2 3 4 | ON Semiconductor |
| SMF05C_05 | 5−Line Transient Voltage Suppressor Array | 1 2 3 4 5 More | ON Semiconductor |
| PQ3DZ53 | 0.5A/1.0A Output General Purpose Surface Mount Type Low Power-Loss Voltage Regulator | 1 2 3 4 5 More | Sharp Electrionic Components |
| NUP5120X6 | 5−Line Transient Voltage Suppressor Array | 1 2 3 4 | ON Semiconductor |
Datasheet Page |
1 2 3 |
Link URL |
|
|