|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
1N5398G - 1.5A GLASS PASSIVATED RECTIFIER - Diodes Incorporated |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| S2A_1 | 1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER | 1 2 3 | Diodes Incorporated |
| DF15005S_1 | 1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 3 | Diodes Incorporated |
| W005G_1 | 1.5A GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 3 | Diodes Incorporated |
| KBP005G_1 | 1.5A GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 3 | Diodes Incorporated |
| PR1501G_1 | 1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER | 1 2 3 | Diodes Incorporated |
| FBI4A7M1 | 4 Amp. Glass Passivated Bridge Rectifier | 1 2 | List of Unclassifed Manufacturers |
| S3A_1 | 3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER | 1 2 3 | Diodes Incorporated |
| GBJ15005_1 | 15A GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 3 | Diodes Incorporated |
| 1N4001G_1 | 1.0A GLASS PASSIVATED RECTIFIER | 1 2 3 | Diodes Incorporated |
| S5AC_1 | 5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER | 1 2 3 | Diodes Incorporated |
Datasheet Page |
1 2 3 |
Link URL |
|
|