![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
BZX84C30S - DUAL 200mW SURFACE MOUNT ZENER DIODE - Diodes Incorporated |
|
Click Here View BZX84C30S Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| BZX84C2V4W_1 | 200mW SURFACE MOUNT ZENER DIODE | Diodes Incorporated |
| DZ23C2V7_1 | 300mW DUAL SURFACE MOUNT ZENER DIODE | Diodes Incorporated |
| AZ23C2V7_1 | 300mW DUAL SURFACE MOUNT ZENER DIODE | Diodes Incorporated |
| BZX84C2V4_1 | 350mW SURFACE MOUNT ZENER DIODE | Diodes Incorporated |
| BZT52C2V0_1 | SURFACE MOUNT ZENER DIODE | Diodes Incorporated |
| BAV70W_1 | DUAL SURFACE MOUNT SWITCHING DIODE | Diodes Incorporated |
| MMBD7000_ | DUAL SURFACE MOUNT SWITCHING DIODE | Diodes Incorporated |
| MMSZ5221B_1 | 500mW SURFACE MOUNT ZENER DIODE | Diodes Incorporated |
| BAT54DW_1 | DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE | Diodes Incorporated |
| MMBZ5221B_1 | 350mW SURFACE MOUNT ZENER DIODE | Diodes Incorporated |
Link URL |
|
|
Related keyword |
| BZX84C30S Datasheet | BZX84C30S Cross Reference | BZX84C30S Schematic | BZX84C30S Distributor | BZX84C30S Datenblatt | BZX84C30S RoHS |
| BZX84C30S Equivalent | BZX84C30S Application Notes | BZX84C30S Data Sheet | BZX84C30S component | BZX84C30S Fiche Technique | BZX84C30S Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |