|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SB170_1 - 1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER - Diodes Incorporated |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| B170_1 | 1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Diodes Incorporated |
| B1100LB_1 | 1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Diodes Incorporated |
| B370_1 | 3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Diodes Incorporated |
| B270_1 | 2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Diodes Incorporated |
| SB10150CT | 10A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER | 1 2 3 4 | Won-Top Electronics |
| MBR1070CT_1 | 10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER | 1 2 | Diodes Incorporated |
| MBR2070CT_1 | 20A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER | 1 2 | Diodes Incorporated |
| STPS160H100TV | HIGH VOLTAGE POWER SCHOTTKY RECTIFIER | 1 2 3 4 5 | STMicroelectronics |
| B120 | 1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Diodes Incorporated |
| MKP1V120_06 | Sidac High Voltage Bidirectional Triggers 0.9 AMPERES RMS 120 − 240 VOLTS | 1 2 3 4 5 | ON Semiconductor |
Datasheet Page |
1 2 |
Link URL |
|
|