|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SD930_1 - HIGH CURRENT SCHOTTKY BARRIER RECTIFIER - Diodes Incorporated |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SS10PH9 | High Current Density Surface Mount High-Voltage Schottky Rectifier | 1 2 3 4 5 | Vishay Siliconix |
| SB10150CT | 10A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER | 1 2 3 4 | Won-Top Electronics |
| STPS5H100B | HIGH VOLTAGE POWER SCHOTTKY RECTIFIER | 1 2 3 4 5 | STMicroelectronics |
| PBYR235CT | Rectifier diodes Schottky barrier | 1 2 3 4 5 | NXP Semiconductors |
| BYM13-20 | Surface Mount Schottky Barrier Rectifier | 1 2 3 4 | Seme LAB |
| MBR730_1 | 7.5A SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Diodes Incorporated |
| MBR1030_1 | 10A SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Diodes Incorporated |
| 90CLQ100 | SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES 90 Amp 100V | 1 2 3 4 | International Rectifier |
| MBR10100C | SCHOTTKY BARRIER RECTIFIER | 1 2 | Unisonic Technologies |
Datasheet Page |
1 2 3 |
Link URL |
|
|