|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
GBJ2010-F - 20A GLASS PASSIVATED BRIDGE RECTIFIER - Diodes Incorporated |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| B40C800DM | Glass Passivated Ultrafast Bridge Rectifier | 1 2 3 4 | Vishay Siliconix |
| GBJ6005 | 6.0A GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 3 | Diodes Incorporated |
| DF005S_1 | 1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 3 | Diodes Incorporated |
| GBJ8005_1 | 8.0A GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 3 | Diodes Incorporated |
| DF15005S_1 | 1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 3 | Diodes Incorporated |
| GBJ10005_1 | 10A GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 3 | Diodes Incorporated |
| HD01_1 | 0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 3 | Diodes Incorporated |
| GBJ15005_1 | 15A GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 3 | Diodes Incorporated |
| W005G_1 | 1.5A GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 3 | Diodes Incorporated |
Datasheet Page |
1 2 3 |
Link URL |
|
|