|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
1N4736A - 1.0W ZENER DIODE - Diodes Incorporated |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BZX84C2V4_1 | 350mW SURFACE MOUNT ZENER DIODE | 1 2 3 4 | Diodes Incorporated |
| DTDG23YP_1 | 1A / 60V Digital transistor with built-in resistors and zener diode | 1 2 3 | Rohm |
| DZ23C2V7_1 | 300mW DUAL SURFACE MOUNT ZENER DIODE | 1 2 3 4 | Diodes Incorporated |
| AW01 | ZENER DIODE | 1 2 3 4 | Hitachi Semiconductor |
| AZ23C2V7_1 | 300mW DUAL SURFACE MOUNT ZENER DIODE | 1 2 3 4 | Diodes Incorporated |
| EDZ3.6B_1 | Zener diode | 1 2 3 4 5 | Rohm |
| BZT52C2V0_1 | SURFACE MOUNT ZENER DIODE | 1 2 3 4 | Diodes Incorporated |
| 1N5221B_1 | 500mW EPITAXIAL ZENER DIODE | 1 2 3 | Diodes Incorporated |
| EDZ3.9B_1 | Zener diode | 1 2 3 4 5 | Rohm |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|