|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
EDZ6.8B - Zener diode - Rohm |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| DTDG23YP_1 | 1A / 60V Digital transistor with built-in resistors and zener diode | 1 2 3 | Rohm |
| AW01 | ZENER DIODE | 1 2 3 4 | Hitachi Semiconductor |
| ZD2.4 | ZENER DIODE | 1 2 3 | Unisonic Technologies |
| KDZ3.6B | Zener diode | 1 2 3 4 5 | Diodes Incorporated |
| BAV70TT1 | Dual Switching Diode | 1 2 3 4 5 More | ON Semiconductor |
| 85EPS | INPUT RECTIFIER DIODE | 1 2 3 4 5 More | International Rectifier |
| MA4AGSW3 | AlGaAs SP3T PIN Diode Switch | 1 2 3 4 5 More | Tyco Electronics |
| 3R3TI20E-080 | DIODE and TYRISTOR MODULE | 1 2 3 4 | List of Unclassifed Manufacturers |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|