|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
B120 - 1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER - Diodes Incorporated |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BYM13-20 | Surface Mount Schottky Barrier Rectifier | 1 2 3 4 | Seme LAB |
| MBR0520LT1 | Surface Mount Schottky Power Rectifier Plastic SOD−123 Package | 1 2 3 4 | ON Semiconductor |
| SBR2A30P1 | 2.0A SBR Surface Mount Super Barrier Rectifier | 1 2 3 4 | Diodes Incorporated |
| MBR0530T1 | Surface Mount Schottky Power Rectifier Plastic SOD−123 Package | 1 2 3 4 | ON Semiconductor |
| SBR2A40P1 | 2.0A SBR Surface Mount Super Barrier Rectifier | 1 2 3 4 | Diodes Incorporated |
| MBR0540T1_0511 | Surface Mount Schottky Power Rectifier SOD−123 Power Surface Mount Package | 1 2 3 4 5 More | ON Semiconductor |
| SBR2M30P1 | 2.0A SBR Surface Mount Super Barrier Rectifier | 1 2 3 4 | Diodes Incorporated |
| MBRA340T3_06 | Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package | 1 2 3 4 5 | ON Semiconductor |
| BAT54_ | SURFACE MOUNT SCHOTTKY BARRIER DIODE | 1 2 3 | Diodes Incorporated |
| MBRS540T3_05 | Surface Mount Schottky Power Rectifier | 1 2 3 4 5 | ON Semiconductor |
Datasheet Page |
1 2 3 |
Link URL |
|
|