|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
DTDG23YP_1 - 1A / 60V Digital transistor (with built-in resistors and zener diode) - Rohm |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| DTB143E | PNP DIGITAL TRANSISTOR BUILT-IN RESISTORS | 1 2 | Unisonic Technologies |
| DTD113EK_1 | 500mA / 50V Digital transistors with built-in resistors | 1 2 3 | Rohm |
| DTD743XE | 200mA / 30V Low VCE sat Digital transistors with built-in resistors | 1 2 | Rohm |
| DTC114E | NPN DIGITAL TRANSISTOR BUILT-IN RESISTORS | 1 2 | Unisonic Technologies |
| DTD113ZK_1 | 500mA / 50V Digital transistors with built-in resistors | 1 2 3 4 | Rohm |
| DTD743ZE | 200mA / 30V Low VCE sat Digital transistors with built-in resistors | 1 2 | Rohm |
| DTC114Y | NPN DIGITAL TRANSISTOR BUILT-IN RESISTORS | 1 2 | Unisonic Technologies |
| DTD114EK_1 | 500mA / 50V Digital transistors with built-in resistors | 1 2 3 | Rohm |
| IRGP4068DPBF | INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE FOR INDUCTION HEATING AND SOFT SWITCHING APPLICATIONS | 1 2 3 4 5 More | International Rectifier |
| DTC143Z | NPN DIGITAL TRANSISTOR BUILT-IN RESISTORS | 1 2 3 | Unisonic Technologies |
Datasheet Page |
1 2 3 |
Link URL |
|
|