|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
RI-TRP-R9BK - 12mm WEDGE TRANSPONDER - Texas Instruments |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RI-I12-112A | Tag-it HF-I Transponder Inlay - Rectangle-Large - | 1 2 | Texas Instruments |
| EN12 | 12mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Plastic Shaft Push-on Switch Option RoHS Compliant | 1 2 3 | Bi technologies |
| RI-I14-110A | Tag-it HF Transponder Inlay - Strip | 1 | Texas Instruments |
| RI-TRP-R9QL | 30mm DISK TRANSPONDER | 1 2 | Texas Instruments |
| RI-I16-112A-03 | Tag-it⢠HF-I PLUS TRANSPONDER INLAYS 24.2-mm CIRCULAR | 1 2 3 4 | Texas Instruments |
| RI-I16-114A-01 | Tag-it⢠HF-I STANDARD TRANSPONDER INLAYS 24.2-mm CIRCULAR | 1 2 3 | Texas Instruments |
| RF-HDT-KMAB | 13.56 MHz Vicinity Key Fob Transponder | 1 | Texas Instruments |
| RI-I16-114A-S1 | Tag-it⢠HF-I PRO TRANSPONDER INLAYS 24.2-mm CIRCULAR | 1 2 3 4 | Texas Instruments |
| RI-I01-112A | Tag-it HF-I Transponder Inlay - Square - | 1 2 | Texas Instruments |
Datasheet Page |
1 2 3 |
Link URL |
|
|