|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
B82793 - Data Line Chokes for Telecommunications xDSL Transformers - EPCOS |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| B82793C2113N201 | Data Line Chokes for ISDN | 1 2 3 | EPCOS |
| B82792C2474N315 | Data Line Chokes for ISDN | 1 2 3 | EPCOS |
| B82796 | Data Line Chokes for ISDN | 1 2 3 | EPCOS |
| B82719 | Data Line Chokes for ISDN | 1 2 3 | EPCOS |
| NUP1301ML3T1 | Low Capacitance Diode Array for ESD Protection in a Single Data Line | 1 2 3 4 | ON Semiconductor |
| B78421A1639A003 | xDSL Transformers ADSL Filter chokes | 1 2 | EPCOS |
| PJLC1V5 | LOW CAPACITANCE ESD / TRANSIENT DATA LINE PROTECTOR FOR 1.5V SYSTEMS | 1 2 3 4 | Pan Jit International Inc. |
| LCX023ELT | XGA Data Projector LCD Product Line Featuring the Industrys Highest Optical Transmittance in 1.8 2.3 and 3.3 cm Size Panels | 1 2 | Sony Corporation |
| 8575 | Chokes Data Communication Circuits | 1 2 | Filtran LTD |
| MV1817 | SINGLE CHIP TELETEXT DECORDER FOR 625 LINE OPERATION | 1 2 3 4 5 More | Zarlink Semiconductor Inc |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|