|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.net , alldatasheet.co.kr , cn.alldatasheet.com , alldatasheet.jp , alldatasheet.es , alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Shortcut | |
|
Datasheet |
3N249 - Bridge Rectifiers - Fairchild Semiconductor |
|
Click 3N249 to view datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| SKB25 | Power Bridge Rectifiers | Semikron International |
| 2KBP005M_06 | Bridge Rectifiers | Fairchild Semiconductor |
| DB101G | Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers | Taiwan Semiconductor Company, Ltd |
| GBU8A_04 | Bridge Rectifiers | Fairchild Semiconductor |
| KBL005_01 | Bridge Rectifiers | Fairchild Semiconductor |
| 3402B | 200 V - 1 000 V Three Phase Bridge 18.0 A - 20.0 A Forward Current 70 ns - 3000 ns Recovery Time | Voltage Multipliers Inc. |
| GWM70-01P2 | Three phase full bridge with Trench MOSFETs in DCB isolated high current package | IXYS Corporation |
| A7240 | 20W BRIDGE AMPLIFIER FOR CAR RADIO | Unisonic Technologies |
| 1N6529U | 2 000 V - 5 000 V Rectifiers 0.05 A - 0.25 A Forward Current 70 ns Recovery Time | Voltage Multipliers Inc. |
| Z20FF3LL | High Voltage Rectifiers - Formed Lead | Voltage Multipliers Inc. |
Link URL |
|
|
Related keyword |
| 3N249 Datasheet | 3N249 Cross Reference | 3N249 Schematic | 3N249 Distributor | 3N249 Datenblatt | 3N249 RoHS |
| 3N249 Equivalent | 3N249 Application Notes | 3N249 Data Sheet | 3N249 component | 3N249 Fiche Technique | 3N249 Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2009 |
| |