|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
TNY266P - 3.6W Cell Phone Charger - Power Integrations, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| TNY264P_1 | 2.4W Cell Phone Charger | 1 2 3 4 5 More | Power Integrations, Inc. |
| LTC4100 | Smart Battery Charger Controller | 1 2 3 4 5 More | Linear Technology |
| AAT3689 | 0.5A/1.0A USB Port/Adapter Lithium-Ion/Polymer Battery Charger | 1 2 3 4 5 More | Advanced Analogic Technologies |
| D312F | Fixed Inductors for Cellular Phone | 1 | TOKO, Inc |
| RA03M8894M | 889-941MHz 3.6W 7.2V 2 Stage Amp. For PORTABLE RADIO | 1 2 3 4 5 More | Mitsubishi Electric Semiconductor |
| A8439 | Photoflash Capacitor Charger with IGBT Driver and Refresh | 1 2 3 4 5 More | Allegro MicroSystems |
| AAT3690 | 1.0A USB Port/Adapter Lithium-Ion/Polymer Battery Charger | 1 2 3 4 5 More | Advanced Analogic Technologies |
| D412C | Fixed Inductors for Cellular Phone | 1 | TOKO, Inc |
| UCC3958-1 | Single Cell Lithium-Ion Battery Protection Circuit | 1 2 3 4 5 More | Texas Instruments |
| SI9731 | UP Controlled Battery Charger For 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries | 1 2 3 4 5 More | Vishay Siliconix |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 |
Link URL |
|
|