Datasheet Search System

Mirror site :  alldatasheet.net,   alldatasheet.co.kr   cn.alldatasheet.com
Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information
Part Name    
    Description 

Shortcut

        2LXT-L5(1)    2LXT-LD(1)

Datasheet

    2LXT-L5 - Trackingless Type, For AM/FM 2-Band, AM Narrow-Band - Mitsumi Electronics, Corp.

Click Here View 2LXT-L5 Datasheet

Part No.2LXT-L5
Description Trackingless Type, For AM/FM 2-Band, AM Narrow-Band
Download 2LXT-L5 Click here to View
File Size 109.46 Kbytes / 2 Pages
Maker MITSUMI [Mitsumi Electronics, Corp.]
Homepage http://www.mitsumi.com/

Related Electronics Part Number

Part NumberComponents DescriptionManufacturer
2SA1284FOR LOW FREQUENCY POWER AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE Isahaya Electronics Corporation
2SD2500NPN TRIPLE DIFFUSED MESA TYPE HORIZONTAL DEFLECTION OUTPUT FOR COLOR TVs Toshiba Semiconductor
LC66PG5XXEPROM-Mountable Type 4-bit Microcomputer Evaluation Chip for The LC665XX Series Microcomputers Sanyo Semicon Device
177983-0RECEPTACLE ASSEMBLY SH TYPE O.5 BOSS LENGTH FOR FH 0.8MM PITCH B-T-B CONNECTOR ETC
ICX415ALDiagonal 8mm Type 1/2 Progressive Scan CCD Solid-state Image Sensor with Square Pixel for CCIR B/W Cameras Sony Corporation
MC2831FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE Isahaya Electronics Corporation
2SC5612NPN TRILE DIFFUSED MESA TYPE HORIZONTAL DEFLECTION OUTPUT FOR COLOR TV Toshiba Semiconductor
ICX282AKDiagonal 11mm Type 2/3 Frame Readout CCD Image Sensor with Square Pixel for Color Cameras Sony Corporation
155320U_1For ATO Fuses In-Line Type Littelfuse
2SC5128Silicon NPN triple diffusion planar type For high breakdown voltage high-speed switching Panasonic Semiconductor

Link URL

Related keyword

  2LXT-L5 Datasheet   2LXT-L5 Cross Reference   2LXT-L5 Schematic   2LXT-L5 Distributor   2LXT-L5 Datenblatt   2LXT-L5 RoHS
  2LXT-L5 Equivalent   2LXT-L5 Application Notes   2LXT-L5 Data Sheet   2LXT-L5 component   2LXT-L5 Fiche Technique   2LXT-L5 Circuit

Does ALLDATASHEET.COM help your business so far?   

All Rights Reserved© Alldatasheet.com 2003 - 2008   Contact us  Privacy Policy  Bookmark   Link Exchange  Site link  Manufacturer