|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
FDB14N30TM - 300V N-Channel MOSFET - Fairchild Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| FDP14N30 | 300V N-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDAF59N30 | 300V N-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| NTD4815NH | Power MOSFET 30 V 35 A Single N-Channel DPAK/IPAK | 1 2 3 4 5 More | ON Semiconductor |
| 2SK3600-01L | N-CHANNEL SILICON POWER MOSFET | 1 2 3 4 | Fuji Electric |
| GFP60N03 | N-Channel Enhancement-Mode MOSFET | 1 2 3 4 5 | General Semiconductor |
| MCH3421 | N-Channel Silicon MOSFET General-Purpose Switching Device Applications | 1 2 3 4 | Sanyo Semicon Device |
| UF640 | 18 A 200 V 0.18 OHM N-CHANNEL POWER MOSFET | 1 2 3 4 5 | Unisonic Technologies |
| ZXMN7A11K | 70V N-channel enhancement mode MOSFET | 1 2 3 4 5 More | Zetex Semiconductors |
| STB160N75F3 | N-channel 75V - 3.5m ohm - 120A - TO-220 - TO-247 - D2PAK MDmesh TM low voltage Power MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| STB75NH02L_06 | N-Channel 24V - 0.0062ohm - 60A - D2PAK STripFET TM III Power MOSFET | 1 2 3 4 5 More | STMicroelectronics |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|