Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR6627 Datasheet (PDF) - NXP Semiconductors

CR6627 Datasheet PDF - NXP Semiconductors
Part # CR6627
Download  CR6627 Download

File Size   51.34 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Triple video driver hybrid amplifier

CR6627 Datasheet (PDF)

Go To PDF Page Download Datasheet
CR6627 Datasheet PDF - NXP Semiconductors

Part # CR6627
Download  CR6627 Click to download

File Size   51.34 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Triple video driver hybrid amplifier

CR6627 Datasheet (HTML) - NXP Semiconductors

Back Button CR6627 Datasheet HTML 1Page - NXP Semiconductors CR6627 Datasheet HTML 2Page - NXP Semiconductors CR6627 Datasheet HTML 3Page - NXP Semiconductors CR6627 Datasheet HTML 4Page - NXP Semiconductors CR6627 Datasheet HTML 5Page - NXP Semiconductors CR6627 Datasheet HTML 6Page - NXP Semiconductors CR6627 Datasheet HTML 7Page - NXP Semiconductors CR6627 Datasheet HTML 8Page - NXP Semiconductors CR6627 Datasheet HTML 9Page - NXP Semiconductors CR6627 Datasheet HTML 10Page - NXP Semiconductors Next Button 

CR6627 Product details

DESCRIPTION
Hybrid amplifier module comprising three video amplifiers in a SOT347 package.

FEATURES
• Typical transition times (10 to 90%) with CL = 10 pF:
   – at 50 V (p-p) swing tr = 2.7 ns; tf = 2.2 ns
• Low power consumption
• Minimum small signal bandwidth 110 MHz
• Very fast slew rate; 12000 V/µs
• Excellent grey-scale linearity
• Unconditional stability
• Gold metallization ensures
excellent reliability.

APPLICATIONS
   It is designed for application in cathode-ray tube (CRT) drivers in high-resolution colour monitors.




Similar Part No. - CR6627

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
CR6-06S-3.96DS HIROSE-CR6-06S-3.96DS Datasheet
125Kb / 4P
   3.96mm Pitch Card Edge Connector
CR6-06S-3.96E HIROSE-CR6-06S-3.96E Datasheet
125Kb / 4P
   3.96mm Pitch Card Edge Connector
CR6-10S-3.96DS HIROSE-CR6-10S-3.96DS Datasheet
125Kb / 4P
   3.96mm Pitch Card Edge Connector
CR6-10S-3.96E HIROSE-CR6-10S-3.96E Datasheet
125Kb / 4P
   3.96mm Pitch Card Edge Connector
CR6-12S-3.96DS HIROSE-CR6-12S-3.96DS Datasheet
125Kb / 4P
   3.96mm Pitch Card Edge Connector
More results


Similar Description - CR6627

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CR6928 PHILIPS-CR6928 Datasheet
61Kb / 8P
   Triple video driver hybrid amplifier
1998 Jul 03
CR5427 PHILIPS-CR5427 Datasheet
60Kb / 8P
   Triple video driver hybrid amplifier
1997 Oct 21
CR6728A PHILIPS-CR6728A Datasheet
62Kb / 8P
   Triple video driver hybrid amplifier
1998 Jul 03
CR6927A PHILIPS-CR6927A Datasheet
59Kb / 8P
   Triple video driver hybrid amplifier
1998 Feb 12
CR6928A PHILIPS-CR6928A Datasheet
61Kb / 8P
   Triple video driver hybrid amplifier
1998 Jul 03
CR6929A PHILIPS-CR6929A Datasheet
61Kb / 8P
   Triple video driver hybrid amplifier
1998 Sep 21
CR1296 PHILIPS-CR1296 Datasheet
53Kb / 8P
   Triple video driver hybrid amplifier
1997 Jul 09
CR5527S PHILIPS-CR5527S Datasheet
51Kb / 12P
   Triple video driver hybrid amplifier
1995 Apr 05
CR6929 PHILIPS-CR6929 Datasheet
61Kb / 8P
   Triple video driver hybrid amplifier
1998 Sep 21
CR6727A PHILIPS-CR6727A Datasheet
53Kb / 8P
   Triple video driver hybrid amplifier
1998 Feb 12
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com