Electronic Component's Datasheet Search Site

Mirror site (Language) :  EnglishChineseGermanJapaneseRussianKoreanSpanishFrenchItalianPortuguesePolish
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
Part Name    
    Description 
   Shortcut :      SY89296U(9)

Featured Products and Offers


Datasheet

    SY89296U - 2.5V/3.3V 1.5GHz PRECISION LVPECL PROGRAMMABLE DELAY WITH FINE TUNE CONTROL - Micrel Semiconductor

Page

 
Part No. SY89296U
Description  2.5V/3.3V 1.5GHz PRECISION LVPECL PROGRAMMABLE DELAY WITH FINE TUNE CONTROL
Download  SY89296U Click to view
File Size   618.26 Kbytes / 15 Pages
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com/
Logo 

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SY89295U_062.5V/3.3V 1.5GHz PRECISION LVPECL PROGRAMMABLE DELAY 1 2 3 4 5 MoreMicrel Semiconductor
SY89536L3.3V PRECISION 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER 1 2 3 4 5 MoreMicrel Semiconductor
TPA5050STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL 1 2 3 4 5 MoreTexas Instruments
SY58610U3.2Gbps Precision LVPECL 2:1 MUX with Internal Termination and Fail Safe Input 1 2 3 4 5 MoreMicrel Semiconductor
SY58604U3.2Gbps Precision LVPECL Buffer with Internal Termination and Fail Safe Input 1 2 3 4 5 MoreMicrel Semiconductor
SY89221UPrecision 1:15 LVPECL Fanout Buffer with 2:1 MUX and Four ÷1/÷2/÷4 Clock Divider Output Banks 1 2 3 4 5 MoreMicrel Semiconductor
SY58607U3.2Gbps Precision 1:2 LVPECL Fanout Buffer with Internal Termination and Fail Safe Input 1 2 3 4 5 MoreMicrel Semiconductor
SY89202UPrecision 1:8 LVPECL Fanout Buffer with Three ÷1/÷2/÷4 Clock Divider Output Banks 1 2 3 4 5 MoreMicrel Semiconductor
SY55856U2.5V/3.3V 2.5GHz DIFFERENTIAL 2-CHANNEL PRECISION CML DELAY LINE 1 2 3 4 5 MoreMicrel Semiconductor
TPA5051_07FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL 1 2 3 4 5 MoreTexas Instruments

Datasheet Page

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Link URL

Related keyword

  SY89296U Datasheet   SY89296U Cross Reference   SY89296U Schematic   SY89296U Distributor   SY89296U Datenblatt   SY89296U RoHS
  SY89296U Equivalent   SY89296U Application Notes   SY89296U Data Sheet   SY89296U component   SY89296U Fiche Technique   SY89296U Circuit

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |  Partner program   |  Contact us   |   Privacy Policy   |   Bookmark   |  Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com 2003 - 2012   


Mirror Sites
English : Alldatasheet.com ,  Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com  
Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl