Electronic Component's Datasheet Search Site

Mirror site (Language) :  EnglishChineseGermanJapaneseRussianKoreanSpanishFrenchItalianPortuguesePolish
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
Part Name    
    Description 
   Shortcut :      BCM5248U(2)

Featured Products and Offers


Datasheet

    BCM5248U - 24-PORT FAST ETHERNET AND 2-PORT GBE MULTILAYER SWITCH WITH TWO 10-GBE/HIGIG PORTS - Broadcom Corporation.

Page

Part No. BCM5248U
Description  24-PORT FAST ETHERNET AND 2-PORT GBE MULTILAYER SWITCH WITH TWO 10-GBE/HIGIG+ PORTS
Download  BCM5248U Click to view
File Size   227.22 Kbytes / 2 Pages
Maker  BOARDCOM [Broadcom Corporation.]
Homepage  http://www.broadcom.com/
Logo 

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BCM5610124-PORT FAST ETHERNET AND 2-PORT GIGABIT ETHERNET MULTILAYER SWITCH WITH ONE 10-GIGABIT ETHERNET/HIGIG+ PORT 1 2 Broadcom Corporation.
BCM5610024-PORT FAST ETHERNET AND 2-PORT GIGABIT ETHERNET MULTILAYER SWITCH 1 2 Broadcom Corporation.
BCM5674MULTILAYER 2-PORT 10 GIGABIT ETHERNET AND HiGig™ SWITCH 1 2 Broadcom Corporation.
BCM5371424-Port GbE + Optional 2-Port GbE Highly Integrated Multilayer Switch SOC 1 2 Broadcom Corporation.
88E60637-Port Fast Ethernet Switch with 802.1Q 1 2 List of Unclassifed Manufacturers
BCM5371848-Port GbE + Optional 2-Port GbE Highly Integrated Multilayer Switch SOC 1 2 Broadcom Corporation.
BCM5324M_06SINGLE-CHIP L2+ MANAGED SWITCH WITH 24 10/100 PORTS + 2 GbE PORTS 1 2 Broadcom Corporation.
BCM5348MSINGLE-CHIP L2+ MANAGED SWITCH WITH 48 10/100 PORTS + FOUR GbE PORTS 1 2 Broadcom Corporation.
NB4N840M3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination 1 2 3 4 5 MoreON Semiconductor
FSTU32X80020-Bit Bus Switch with Precharged Outputs and -2V Undershoot Protection 1 2 3 4 5 Fairchild Semiconductor

Datasheet Page

1 2


Link URL

Related keyword

  BCM5248U Datasheet   BCM5248U Cross Reference   BCM5248U Schematic   BCM5248U Distributor   BCM5248U Datenblatt   BCM5248U RoHS
  BCM5248U Equivalent   BCM5248U Application Notes   BCM5248U Data Sheet   BCM5248U component   BCM5248U Fiche Technique   BCM5248U Circuit

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |  Partner program   |  Contact us   |   Privacy Policy   |   Bookmark   |  Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com 2003 - 2012   


Mirror Sites
English : Alldatasheet.com ,  Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com  
Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl