|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SY87725LHY - 2.5Gbps GPON/BPON ONU SERDES - Micrel Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MAX3875A | 2.5Gbps Low-Power +3.3V Clock Recovery and Data Retiming IC | 1 2 3 4 5 More | Maxim Integrated Products |
| MAX3822 | +3.3V 2.5Gbps Quad Limiting Amplifier | 1 2 3 4 5 More | Maxim Integrated Products |
| SY88923V | 2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER | 1 2 3 4 5 More | Micrel Semiconductor |
| SY55857L_06 | 3.3V 2.5Gbps ANY INPUT-to-LVPECL DUAL TRANSLATOR | 1 2 3 4 5 More | Micrel Semiconductor |
| SCAN12100 | 1228.8 and 614.4 Mbps CPRI SerDes with Auto RE Sync and Precision Delay Calibration Measurement | Coming Soon | National Semiconductor |
| ADN2865 | Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery IC w/Loop Timed SERDES | 1 2 3 4 5 More | Analog Devices |
| BCM5387 | 5-GbE PORT SWITCH WITH INTEGRATED SerDes | 1 2 | Broadcom Corporation. |
| BCM5389 | 8-GE PORT SWITCH WITH INTEGRATED SerDes | 1 2 | Broadcom Corporation. |
| BCM5396 | 16-GE PORT SWITCH WITH INTEGRATED SerDes | 1 2 | Broadcom Corporation. |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 |
Link URL |
|
|