|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CMS-S050-040 - SCHOTTKY BARRIER DIODE - Champion Microelectronic Corp. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| PA847C04 | Schottky barrier diode | 1 2 3 | Fuji Electric |
| SD103AW | SCHOTTKY BARRIER SWITCHING DIODE | 1 2 3 | Unisonic Technologies |
| HSD88 | Silicon Schottky Barrier Diode for Detector Mixer | 1 2 3 4 5 | Renesas Technology Corp |
| NSR0130P2T5G | Schottky Barrier Diode | 1 2 3 | ON Semiconductor |
| RB520S30 | SCHOTTKY BARRIER DIODE | 1 2 3 | Unisonic Technologies |
| NTLJF3117P | Power MOSFET and Schottky Diode −20 V −4.1 A P−Channel with 2.0 A Schottky Barrier Diode 2x2 mm uCool Package | 1 2 3 4 5 More | ON Semiconductor |
| 1N5819 | SCHOTTKY BARRIER DIODE | 1 2 3 4 | Unisonic Technologies |
| NTLJF3118N | Power MOSFET and Schottky Diode 20 V 4.6 A uCool N-Channel with 2.0 A Schottky Barrier Diode 2x2 mm WDFN Package | 1 2 3 4 5 More | ON Semiconductor |
| RB557W | Schottky barrier diode | 1 2 3 4 | Diodes Incorporated |
| NSR0320XV6T1_07 | Schottky Barrier Diode | 1 2 3 | ON Semiconductor |
Datasheet Page |
1 |
Link URL |
|
|