|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
U643B-MFPY - Flasher, 30-mohm Shunt - ATMEL Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| U2043B | Flasher 30 mOHM Shunt Pilot Lamp to GND or VBatt | 1 2 3 4 5 More | ATMEL Corporation |
| U6432B_06 | Low-power Flasher IC with 18-mOHM Shunt | 1 2 3 4 5 More | ATMEL Corporation |
| U6043B_05 | Flasher IC with 18-mOHM Shunt | 1 2 3 4 5 More | ATMEL Corporation |
| LM431A | Programmable Shunt Regulator | 1 2 3 4 5 More | Fairchild Semiconductor |
| TFR7H | STROBO FLASHER APPLICATIONS FAST RECOVERY | 1 2 | Toshiba Semiconductor |
| TS431 | LOW VOLTAGE ADJUSTABLE SHUNT REFERENCE | 1 2 3 4 5 More | STMicroelectronics |
| L2044 | DUAL OUTPUT FLASHER | 1 2 3 | Unisonic Technologies |
| UM603S | OPERATIONAL AMPLIFIERS WITH 2.5V SHUNT REGULATOR | 1 2 3 4 5 | Unisonic Technologies |
| LL204 | DUAL OUTPUT FLASHER | 1 2 3 4 | Unisonic Technologies |
| TL432 | 1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS | 1 2 3 | Unisonic Technologies |
Datasheet Page |
1 2 3 4 5 6 7 8 9 |
Link URL |
|
|