|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
BZX84J - Single Zener diodes - NXP Semiconductors |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| PZUXB | Single Zener diodes in a SOD323F package | 1 2 3 4 5 More | NXP Semiconductors |
| 1N708A | Hermetically Sealed Axial Lead Silicon Zener Diodes | 1 | Central Semiconductor Corp |
| SMS1546 | Surface Mount Mixer and Detector Schottky Diodes | 1 2 3 | Alpha Industries |
| LL4150 | Silicon Epitaxial Planar Diodes | 1 2 3 4 5 | Vishay Siliconix |
| M1MA151WAT1 | Common Anode Silicon Dual Switching Diodes | 1 2 3 4 | ON Semiconductor |
| SD106WS | SCHOTTKY DIODES | 1 2 3 | Unisonic Technologies |
| 1102E | 200 V - 1 000 V Single Phase Bridge 1.4 A - 1.5 A Forward Current 70 ns - 3000 ns Recovery Time | 1 2 | Voltage Multipliers Inc. |
| CS5305 | Three−Phase Synchronous Switching Step−Down Controller with Single Wire Current Sharing | 1 2 3 4 5 More | ON Semiconductor |
| 3FTL6 | through-hole or SMD / 50mA/24VDC / single pole/momentary | 1 | List of Unclassifed Manufacturers |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 |
Link URL |
|
|