|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
NL7SZ19 - 1−to−2 Decoder/Demultiplexer - ON Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| NL7SZ18_07 | 1−to−2 Demultiplexer with 3−State Deselected Output | 1 2 3 4 5 More | ON Semiconductor |
| MC54HC154 | 1-of-16 Decoder/Demultiplexer High-Performance Silicon-Gate CMOS | 1 2 3 4 5 More | Motorola, Inc |
| 74F138 | 1-of-8 Decoder/Demultiplexer | 1 2 3 4 5 More | Fairchild Semiconductor |
| 74AC138_03 | 1-of-8 Decoder/Demultiplexer | 1 2 3 4 5 More | Fairchild Semiconductor |
| MC74AC138 | 1−of−8 Decoder/Demultiplexer | 1 2 3 4 5 More | ON Semiconductor |
| MC74AC139_06 | Dual 1−of−4 Decoder/Demultiplexer | 1 2 3 4 5 More | ON Semiconductor |
| MC74AC151 | 1−of−8 Decoder/Demultiplexer | 1 2 3 4 5 More | ON Semiconductor |
| MC74LCX138_05 | Low-Voltage CMOS 3-to-8 Decoder/Demultiplexer With 5 V−Tolerant Inputs | 1 2 3 4 5 More | ON Semiconductor |
| MC74LCX139_0508 | Dual Low−Voltage CMOS 2−to−4 Decoder/Demultiplexer With 5V−Tolerant Inputs | 1 2 3 4 5 More | ON Semiconductor |
| MC74LVX139_05 | Dual 2-to-4 Decoder/Demultiplexer | 1 2 3 4 5 More | ON Semiconductor |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|