|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
BCM5671 - 4-PORT, 80-Gbps SWITCH FABRIC - Broadcom Corporation. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BCM5670_1 | 8-PORT 160 Gbps SWITCH FABRIC | 1 2 | Broadcom Corporation. |
| ADG888 | 0.4 OHM CMOS Dual DPDT Switch in WLCSP/LFCSP/TSSOP Packages | 1 2 3 4 5 More | Analog Devices |
| NLAS3699B | Dual DPDT Ultra−Low RON Switch | 1 2 3 4 5 More | ON Semiconductor |
| AS127-59 | GaAs IC Transfer Switch DC-2 GHz | 1 2 | Skyworks Solutions Inc. |
| STMAV335 | Low ON Resistance Triple SP3T Wide-Bandwidth Video Switch | 1 2 3 4 5 More | STMicroelectronics |
| FST16861 | 20-Bit Bus Switch | 1 2 3 4 | Fairchild Semiconductor |
| DG201HS | High-Speed Quad SPST CMOS Analog Switch | 1 2 3 4 5 More | Vishay Siliconix |
| VSC835 | 34x34 Crosspoint Switch with Signal Detection | 1 2 3 4 5 More | Vitesse Semiconductor Corporation |
| FSA2267 | 0.35 ohm Low Voltage Dual-SPDT Analog Switch | 1 2 3 4 5 More | Fairchild Semiconductor |
| UPG2160T5K | L S-BAND SINGLE CONTROL SPDT SWITCH | 1 2 3 4 5 More | California Eastern Labs |
Datasheet Page |
1 2 |
Link URL |
|
|