|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
BCM5670 - 8-PORT, 160 Gbps SWITCH FABRIC - Broadcom Corporation. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AD8153 | Single Buffered Switch 3.2 Gbps | 1 2 3 4 5 More | Analog Devices |
| TLK4120 | QUAD 0.5 to 1.3 Gbps TRANSCEIVER | 1 2 3 4 5 More | Texas Instruments |
| NLAS9431 | Low Voltage Single Supply Dual DPDT Analog Switch | 1 2 3 4 5 More | ON Semiconductor |
| DIM600XSM45-F000 | Single Switch IGBT Module | 1 2 3 4 5 More | Dynex Semiconductor |
| AD8190 | 2:1 HDMI/DVI Switch with Equalization | 1 2 3 4 5 More | Analog Devices |
| IRFB4228PBF | PDP SWITCH | 1 2 3 4 5 More | International Rectifier |
| UPG2155TB | NECâs L-BAND 4 W HIGH POWER SPDT SWITCH | 1 2 3 4 5 More | California Eastern Labs |
| FSTU32X800 | 20-Bit Bus Switch with Precharged Outputs and -2V Undershoot Protection | 1 2 3 4 5 | Fairchild Semiconductor |
| KS8995M | Integrated 5-Port 10/100 Managed Switch | 1 2 3 4 5 More | Micrel Semiconductor |
| SN74CB3Q16811 | 24-BIT SWITCH WITH PRECHARGED OUTPUTS 2.5-V/3.3-V LOW-VOLTAGE FET BUS SWITCH | 1 2 3 4 5 More | Texas Instruments |
Datasheet Page |
1 2 |
Link URL |
|
|