|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
NCP5173_06 - 1.5 A 560 kHz−1.0 MHz Boost Regulator - ON Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| PT78ST100 | 1.5 Amp Positive Step-Down Integrated Switching Regulator | 1 2 3 4 | Texas Instruments |
| 78ST100 | 1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR | 1 2 3 4 5 More | Texas Instruments |
| NCP565_07 | 1.5 A Low Dropout Linear Regulator | 1 2 3 4 5 More | ON Semiconductor |
| NCP566 | 1.5 A Low Dropout Linear Regulator | 1 2 3 4 5 More | ON Semiconductor |
| FAN5336 | 1.5MHz Boost Regulator with 33V Integrated FET Switch | 1 2 3 4 5 More | Fairchild Semiconductor |
| NCP1086_05 | 1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator | 1 2 3 4 5 More | ON Semiconductor |
| LM27313 | 1.6 MHz Boost Converter With 30V Internal FET Switch in SOT-23 | Coming Soon | National Semiconductor |
| CS5171_06 | 1.5 A 280 kHz/560 kHz Boost Regulators | 1 2 3 4 5 More | ON Semiconductor |
| NCP1521B | 1.5 MHz 600 mA Step−Down DC−DC Converter | 1 2 3 4 5 More | ON Semiconductor |
| CS5204-2_06 | 4.0 A 1.5 V Fixed Linear Regulator | 1 2 3 4 5 More | ON Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 |
Link URL |
|
|