|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
NCP1546 - 1.5 A, 170 kHz, Buck Regulator with Synchronization Capability - ON Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| NCV8842 | 1.5 A 170 kHz Buck Regulator with Synchronization Capability | 1 2 3 4 5 More | ON Semiconductor |
| NCV8843 | 1.5 A 340 kHz Buck Regulator with Synchronization Capability | 1 2 3 4 5 More | ON Semiconductor |
| NCV51411 | 1.5 A 260 kHz Low Voltage Buck Regulator with Synchronization Capability | 1 2 3 4 5 More | ON Semiconductor |
| CS51411_07 | 1.5 A 260 kHz and 520 kHz Low Voltage Buck Regulators with External Bias or Synchronization Capability | 1 2 3 4 5 More | ON Semiconductor |
| CS4350 | 192 kHz Stereo DAC with Integrated PLL | 1 2 3 4 5 More | Cirrus Logic |
| ADD8708 | 18-Channel Gamma Buffer with Regulator | 1 2 3 4 5 More | Analog Devices |
| UM603S | OPERATIONAL AMPLIFIERS WITH 2.5V SHUNT REGULATOR | 1 2 3 4 5 | Unisonic Technologies |
| PT78ST100 | 1.5 Amp Positive Step-Down Integrated Switching Regulator | 1 2 3 4 | Texas Instruments |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 |
Link URL |
|
|