|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LA4227 - Audio Output for Radio Cassette Recorders 3W × 2ch Power Amplifier - Sanyo Semicon Device |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| IRM046U | 2.4 / 5GHz ISM Power Amplifier MMIC for W-LAN | 1 | Sharp Electrionic Components |
| LM4816 | 1W Stereo Audio Amplifier + Adjustable Output Limiter | 1 2 3 4 5 More | National Semiconductor |
| TPA0212_07 | STEREO 2.6-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL | 1 2 3 4 5 More | Texas Instruments |
| TPA6017A2_07 | 2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS | 1 2 3 4 5 More | Texas Instruments |
| TPA3001D1_07 | 20-W MONO CLASS-D AUDIO POWER AMPLIFIER | 1 2 3 4 5 More | Texas Instruments |
| TPA3120D2 | 25-W STEREO CLASS-D AUDIO POWER AMPLIFIER | 1 2 3 4 5 More | Texas Instruments |
| MC3419 | LOW POWER AUDIO AMPLIFIER | 1 2 3 4 | Unisonic Technologies |
| 8RDY | Fixed Inductors for Digital Audio Amplifier | 1 | TOKO, Inc |
| NESG270034 | NPN SiGe RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION 2 W 3-PIN POWER MINIMOLD 34 PKG | 1 2 3 4 5 More | California Eastern Labs |
| BC139 | AUDIO OUTPUT AMPLIFIER | 1 2 3 | STMicroelectronics |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|