|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MC14027BCP - Dual J−K Flip−Flop - ON Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MC10H135_06 | Dual J−K Master−Slave Flip−Flop | 1 2 3 4 5 More | ON Semiconductor |
| MC10EP29_06 | 3.3V / 5V ECL Dual Differential Data and Clock D Flip−Flop With Set and Reset | 1 2 3 4 5 More | ON Semiconductor |
| MC74AC109 | Dual JK Positive Edge−Triggered Flip−Flop | 1 2 3 4 5 More | ON Semiconductor |
| MC74VHCT74A_06 | Dual D−Type Flip−Flop with Set and Reset | 1 2 3 4 5 More | ON Semiconductor |
| MC74VHC74 | Dual D−Type Flip−Flop with Set and Reset | 1 2 3 4 5 More | ON Semiconductor |
| MC100LVEL29_06 | 3.3V ECL Dual Differential Data and Clock D Flip−Flop With Set and Reset | 1 2 3 4 5 More | ON Semiconductor |
| MC74HCT74A_06 | Dual D Flip−Flop with Set and Reset with LSTTL Compatible Inputs | 1 2 3 4 5 More | ON Semiconductor |
| MC10H131_06 | Dual D Type Master−Slave Flip−Flop | 1 2 3 4 5 More | ON Semiconductor |
| 74HC74 | Dual D Flip−Flop with Set and Reset High−Performance Silicon−Gate CMOS | 1 2 3 4 5 More | ON Semiconductor |
| MC14013B_06 | Dual Type D Flip−Flop | 1 2 3 4 5 More | ON Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|