|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MC12080_06 - 1.1 GHz Prescaler - ON Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| PMB2313T | Prescaler Circuit 1.1 GHz | 1 2 3 4 5 More | Siemens Semiconductor Group |
| MC12026A_06 | 1.1 GHz Dual Modulus Prescaler | 1 2 3 4 5 More | ON Semiconductor |
| UPB587B | 1.0 GHz DIVIDE- BY- 2/4/8 PRESCALER | 1 2 3 4 5 | NEC |
| UPB586B | 2.5 GHz DIVIDE- BY- 512/256 PRESCALER | 1 2 3 4 | NEC |
| MC145202 | Low-Voltage 2.0 GHz PLL Frequency Synthesizer Includes On-Board 64/65 Prescaler | 1 2 3 4 5 More | Motorola, Inc |
| UPB1509GV | NEC 1.0 GHZ DIVIDE BY 2/4/8 PRESCALER | 1 2 3 4 5 More | California Eastern Labs |
| UPB1508GV | 3 GHz INPUT DIVIDE BY 2 PRESCALER IC FOR DBS TUNERS | 1 2 3 4 5 More | NEC |
| UPB1508GV | 3.0 GHz DIVIDE BY 2 PRESCALER | 1 2 3 4 5 More | California Eastern Labs |
| NB4L858M | 2.5V/3.3V 3 GHz Dual Differential Clock/Data 2x2 Crosspoint Switch with CML Output and Internal Termination | 1 2 3 4 5 More | ON Semiconductor |
| AD9516-0 | 14-Channel Clock Generator with Integrated 2.8 GHz VCO | 1 2 | Analog Devices |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|