|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MC12026A_06 - 1.1 GHz Dual Modulus Prescaler - ON Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| PMB2313T | Prescaler Circuit 1.1 GHz | 1 2 3 4 5 More | Siemens Semiconductor Group |
| MC12018 | 520MHz Dual Modulus Prescaler | 1 2 3 4 | Motorola, Inc |
| MC12019 | Dual Modulus Prescaler | 1 2 3 | Freescale Semiconductor, Inc |
| MC12022A | 1.1GHz Dual Modulus Prescaler | 1 2 3 4 5 More | Motorola, Inc |
| MC12026A | 1.1GHz Dual Modulus Prescaler | 1 2 3 4 5 More | Motorola, Inc |
| FMPA2151 | 2.4-2.5 GHz and 4.9-5.9 GHz Dual Band Linear Power Amplifier Module | 1 2 3 4 | Fairchild Semiconductor |
| ZL40804_06 | 6 GHz Fixed Modulus ÷ 4 | 1 2 3 4 5 More | Zarlink Semiconductor Inc |
| ADG787 | 2.5 OHM CMOS Low Power Dual 2:1 Mux/Demux USB 1.1 Switch | 1 2 3 4 5 More | Analog Devices |
| UPB1509GV | NEC 1.0 GHZ DIVIDE BY 2/4/8 PRESCALER | 1 2 3 4 5 More | California Eastern Labs |
| NB4L858M | 2.5V/3.3V 3 GHz Dual Differential Clock/Data 2x2 Crosspoint Switch with CML Output and Internal Termination | 1 2 3 4 5 More | ON Semiconductor |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|